PART |
Description |
Maker |
AP7363-XXSP-13 AP7363-XXE-13 AP7363-XXHA-7 AP7363- |
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 GREEN, SOT-223, 4 PIN
|
Diodes Incorporated Diodes, Inc.
|
SPX3940AM3-1.8 SPX3940AM3-5.0 SPX3940AT-1.8 SPX394 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1A LOW DROPOUT VOLTAGE REGULATOR FIXED OUTPUT, FAST RESPONSE 1A Low Dropout Voltage Regulator, 2% 1A Low Dropout Voltage Regulator, 1%
|
EXAR CORP SIPEX[Sipex Corporation]
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX273 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A高电流低压差稳压器可调节 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
LT1585A LT1585ACM LT1585ACM-1.5 LT1585ACT LT1585AC |
From old datasheet system 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR %A Low Dropout Fast Response Positive Adjustable and Fixed Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
APL1117 APL1117-18FC-TR APL1117-18GC-TR APL1117-18 |
Adj, 1 A low dropout fast response positive adjustable regulator and fixed 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V 1.8 V, 1 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1 A low dropout fast response positive adjustable regulator and fixed
|
ANPEC[Anpec Electronics Coropration] ANPEC Electronics Corporation
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MIC29311 MIC29311-5.1BT MIC29311-5.1BU |
3A Fast-Response LDO(Low Dropout)Regulator for USB(用于USB的输出电A 快速瞬变反应低压差稳压 3A条快速响应LDO(低压降)稳压器的USB(用于的USB的输出电A条快速瞬变反应低压差稳压器) 3A Fast-Response LDO Regulator for USB Preliminary Information 5.1 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
NCP5662 |
Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable LOW OUTPUT VOLTAGE, ULTRA−FAST 2.0 A LOW DROPOUT LINEAR REGULATOR WITH ENABLE
|
ON Semiconductor
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
AP133-WG-7 AP133 AP133-SN AP133-SNG-7 AP133-SN-W |
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
DIODES[Diodes Incorporated]
|
NCV5663DS15R4G |
Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
|
ON Semiconductor
|